Part Number Hot Search : 
N74ACT ON1427 N411045 EFM202A N411064 2SK208 H21UA C9103
Product Description
Full Text Search
 

To Download SFR6011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFR601 - SFR607
6.0 AMPS. Soft Fast Recovery Rectifiers R-6
Features
Low forward voltage drop High current capability High reliability High surge current capability Fast switching for high efficiency
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260 oC /10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 1.65 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length o @T A = 55 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @6.0A Maximum DC Reverse Current @ T A=25 C o at Rated DC Blocking Voltage @ T A=125 C Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal resistance ( Note 3 ) Operating Temperature Range
o
Symbol SFR 601 V RRM 50 V RMS 35 V DC 50 I(AV) IFSM VF IR Trr Cj
R JA TJ
SFR 602 100 70 100
SFR 603 200 140 200
SFR 604 400 280 400 6.0
SFR 605 600 420 600
SFR 606 800 560 800
SFR Units 607 1000 V 700 V 1000 V A
200 1.2 10 250 120 200 100 35 -65 to +150 -65 to +150 350
A V uA uA nS pF o C/W o C o C
Storage Temperature Range T STG 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (SFR601 THRU SFR607)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
8 1000
FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT. ( A)
6
100 Tj=125 0C
4
2
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm) Lead Length
10
Tj=75 0C
0
0
25
50 75 100 125 o AMBIENT TEMPERATURE. ( C)
150
175
1.0 Tj=25 0C
200
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
0.1 100 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
50
Tj=25 OC 8.3ms Single Half Sine Wave JEDEC Method
FIG.5- TYPICAL FORWARD CHARACTERISTICS
1000
10 1
INSTANTANEOUS FORWARD CURRENT. (A)
5 10 NUMBER OF CYCLES AT 60Hz
50
100 100
FIG.4- TYPICAL JUNCTION CAPACITANCE
700 600 500
40
JUNCTION CAPACITANCE.(pF)
400 300 200
10
Tj=25oC Pulse Width=300 s 1% Duty Cycle
100
1
60 40 0.1 0.6
1
2
4
6
10
20
40
60
100
0.8
1.0
1.2
1.4
1.6
1.8
2.0
REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of SFR6011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X